Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

51216 Marking, FX004 Datasheet(PDF) 6 Page - Texas Instruments

Part # FX004
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FX004 Datasheet(HTML) 6 Page - Texas Instruments

Back Button FX004 Datasheet HTML 2Page - Texas Instruments FX004 Datasheet HTML 3Page - Texas Instruments FX004 Datasheet HTML 4Page - Texas Instruments FX004 Datasheet HTML 5Page - Texas Instruments FX004 Datasheet HTML 6Page - Texas Instruments FX004 Datasheet HTML 7Page - Texas Instruments FX004 Datasheet HTML 8Page - Texas Instruments FX004 Datasheet HTML 9Page - Texas Instruments FX004 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TPS51216
SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VV5IN=5V, VLDOIN is connected to VDDQ output, VMODE=0V, VS3=VS5=5V (unless
otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
PROTECTIONS
ITRIP
TRIP source current
TA = 25°C, VTRIP = 0.4 V
9
10
11
μA
TRIP source current temperature
TCITRIP
4700
ppm/°C
coefficient(2)
VTRIP
VTRIP voltage range
0.2
3
V
VTRIP = 3.0 V
360
375
390
VOCL
Current limit threshold
VTRIP = 1.6 V
190
200
210
mV
VTRIP = 0.2 V
20
25
30
VTRIP = 3.0 V
–390
–375
–360
VOCLN
Negative current limit threshold
VTRIP = 1.6 V
–210
–200
–190
mV
VTRIP = 0.2 V
–30
–25
–20
VZC
Zero cross detection offset
0
mV
Wake-up
4.2
4.4
4.5
VUVLO
V5IN UVLO threshold voltage
V
Shutdown
3.7
3.9
4.1
VOVP
VDDQ OVP threshold voltage
OVP detect voltage
118%
120%
122%
tOVPDLY
VDDQ OVP propagation delay
With 100 mV over drive
430
ns
VUVP
VDDQ UVP threshold voltage
UVP detect voltage
66%
68%
70%
tUVPDLY
VDDQ UVP delay
1
ms
tUVPENDLY
VDDQ UVP enable delay
1.2
ms
VOOB
OOB Threshold voltage
108%
THERMAL SHUTDOWN
Shutdown temperature(2)
140
TSDN
Thermal shutdown threshold
°C
Hysteresis(2)
10
(2)
Ensured by design. Not production tested.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS51216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com