Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

51216 Marking, FX004 Datasheet(PDF) 24 Page - Texas Instruments

Part # FX004
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FX004 Datasheet(HTML) 24 Page - Texas Instruments

Back Button FX004 Datasheet HTML 20Page - Texas Instruments FX004 Datasheet HTML 21Page - Texas Instruments FX004 Datasheet HTML 22Page - Texas Instruments FX004 Datasheet HTML 23Page - Texas Instruments FX004 Datasheet HTML 24Page - Texas Instruments FX004 Datasheet HTML 25Page - Texas Instruments FX004 Datasheet HTML 26Page - Texas Instruments FX004 Datasheet HTML 27Page - Texas Instruments FX004 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
TPS51216
SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013
www.ti.com
•
Connect the overcurrent setting resistors from TRIP pin to ground and make the connections as close as
possible to the device. The trace from TRIP pin to resistor and from resistor to ground should avoid coupling
to a high-voltage switching node.
•
Connect the frequency and mode setting resistor from MODE pin to ground, and make the connections as
close as possible to the device. The trace from the MODE pin to the resistor and from the resistor to ground
should avoid coupling to a high-voltage switching node
•
Connections from gate drivers to the respective gate of the high-side or the low-side MOSFET should be as
short as possible to reduce stray inductance. Use 0.65 mm (25 mils) or wider trace and via(s) of at least 0.5
mm (20 mils) diameter along this trace.
•
The PCB trace defined as SW node, which connects to the source of the switching MOSFET, the drain of the
rectifying MOSFET and the high-voltage side of the inductor, should be as short and wide as possible.
•
VLDOIN should be connected to VDDQ output with short and wide traces. An input bypass capacitor should
be placed as close as possible to the pin with short and wide
 connections.
•
The output capacitor for VTT should be placed close to the pin with a short and wide connection in order to
 avoid additional ESR and/or ESL of the trace.
•
VTTSNS should be connected to the positive node of the VTT output capacitor(s) as a separate trace from
the high-current power line and is strongly recommended to avoid additional ESR and/or ESL. If it is needed
to
 sense the voltage at the point of the load, it is recommended to attach the output capacitor(s) at that
point. Also, it is recommended to minimize any additional ESR and/or ESL of ground trace between GND pin
and the output capacitor(s).
•
Consider adding a low pass filter (LPF) at VTTSNS in case the ESR of the VTT output capacitor(s) is larger
than 2 m
Ω.
•
VDDQSNS can be connected separately from VLDOIN. Remember that this sensing potential is the reference
 voltage of VTTREF. Avoid any noise generative lines.
•
The negative node of the VTT output capacitor(s) and the VTTREF capacitor should be tied together by
avoiding
 common impedance to high-current path of the VTT source/sink current.
•
GND pin node represents the reference potential for VTTREF and VTT outputs. Connect GND
 to negative
nodes of VTT capacitor(s), VTTREF capacitor and VDDQ capacitor(s) with care to avoid additional ESR
and/or ESL. GND and PGND should be connected together at a single point.
•
In order to effectively remove heat from the package, prepare the thermal land and solder to the package
 thermal pad. Wide trace of the component-side copper, connected to this thermal land, helps heat
spreading.
 Numerous vias with a 0.3-mm diameter connected from the thermal land to the internal/solder-
side ground
 plane(s) should be used to help dissipation.
CAUTION
Do NOT connect PGND pin directly to this thermal land underneath the package.
24
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS51216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com