| Electronic Components Datasheet Search |
|
51216 Marking, FX004 Datasheet(PDF) 2 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
FX004 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 34 page ![]() TPS51216 SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ORDERING INFORMATION(1) ORDERABLE DEVICE OUTPUT MINIMUM TA PACKAGE PINS NUMBER SUPPLY QUANTITY TPS51216RUKR Tape and reel 3000 –40°C to 85°C Plastic Quad Flat Pack (20 pin QFN) 20 TPS51216RUKT Mini reel 250 (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) over operating free-air temperature range (unless otherwise noted) VALUE UNIT MIN MAX VBST –0.3 36 VBST(3) –0.3 6 SW –5 30 Input voltage range(2) VLDOIN, VDDQSNS, REFIN –0.3 3.6 V VTTSNS –0.3 3.6 PGND, VTTGND –0.3 0.3 V5IN, S3, S5, TRIP, MODE –0.3 6 DRVH –5 36 DRVH(3) –0.3 6 DRVH(3) (duty cycle < 1%) –2.5 6 VTTREF, VREF –0.3 3.6 Output voltage range(2) V VTT –0.3 3.6 DRVL –0.3 6 DRVL (duty cycle < 1%) –2.5 6 PGOOD –0.3 6 Junction temperature range, TJ 125 °C Storage temperature range, TSTG –55 150 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to the network ground terminal unless otherwise noted. (3) Voltage values are with respect to the SW terminal. THERMAL INFORMATION TPS51216 THERMAL METRIC UNITS QFN (20) PINS θJA Junction-to-ambient thermal resistance 94.1 θJCtop Junction-to-case (top) thermal resistance 58.1 θJB Junction-to-board thermal resistance 64.3 °C/W ψJT Junction-to-top characterization parameter 31.8 ψJB Junction-to-board characterization parameter 58.0 θJCbot Junction-to-case (bottom) thermal resistance 5.9 2 Submit Documentation Feedback Copyright © 2010–2013, Texas Instruments Incorporated Product Folder Links :TPS51216 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |