| Electronic Components Datasheet Search |
|
51216 Marking, FX004 Datasheet(PDF) 4 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
FX004 Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 34 page ![]() TPS51216 SLUSAB9A – NOVEMBER 2010 – REVISED APRIL 2013 www.ti.com ELECTRICAL CHARACTERISTICS over operating free-air temperature range, VV5IN=5V, VLDOIN is connected to VDDQ output, VMODE=0V, VS3=VS5=5V (unless otherwise noted) PARAMETER TEST CONDITION MIN TYP MAX UNIT SUPPLY CURRENT IV5IN(S0) V5IN supply current, in S0 TA = 25°C, No load, VS3 = VS5 = 5 V 590 μA IV5IN(S3) V5IN supply current, in S3 TA = 25°C, No load, VS3 = 0 V, VS5 = 5 V 500 μA IV5INSDN V5IN shutdown current TA = 25°C, No load, VS3 = VS5 = 0 V 1 μA IVLDOIN(S0) VLDOIN supply current, in S0 TA = 25°C, No load, VS3 = VS5 = 5 V 5 μA IVLDOIN(S3) VLDOIN supply current, in S3 TA = 25°C, No load, VS3 = 0 V, VS5 = 5 V 5 μA IVLDOINSDN VLDOIN shutdown current TA = 25°C, No load, VS3 = VS5 = 0 V 5 μA VREF OUTPUT IVREF = 30 μA, TA = 25°C 1.8000 VVREF Output voltage 0 μA ≤ IVREF <300 μA, TA = –10°C to 85°C 1.7856 1.8144 V 0 μA ≤ IVREF <300 μA, TA = –40°C to 85°C 1.7820 1.8180 IVREFOCL Current limit VVREF = 1.7 V 0.4 0.8 mA VTTREF OUTPUT VVTTREF Output voltage VVDDQSNS/2 V |IVTTREF| <100 μA, 1.2 V ≤ VVDDQSNS ≤ 1.8 V 49.2% 50.8% VVTTREF Output voltage tolerance to VVDDQ |IVTTREF| <10 mA, 1.2 V ≤ VVDDQSNS ≤ 1.8 V 49% 51% IVTTREFOCLSRC Source current limit VVDDQSNS = 1.8 V, VVTTREF= 0 V 10 18 mA IVTTREFOCLSNK Sink current limit VVDDQSNS = 1.8 V, VVTTREF = 1.8 V 10 17 mA IVTTREFDIS VTTREF discharge current TA = 25°C, VS3 = VS5 = 0 V, VVTTREF = 0.5 V 0.8 1.3 mA VTT OUTPUT VVTT Output voltage VVTTREF V |IVTT| ≤ 10 mA, 1.2 V ≤ VVDDQSNS ≤ 1.8 V, IVTTREF = 0 A –20 20 |IVTT| ≤ 1 A, 1.2 ≤ VVDDQSNS ≤ 1.8 V, IVTTREF = 0 A –30 30 VVTTTOL Output voltage tolerance to VTTREF mV |IVTT| ≤ 2 A, 1.4 V ≤ VVDDQSNS ≤ 1.8 V, IVTTREF = 0 A –40 40 |IVTT| ≤ 1.5 A, 1.2 V ≤ VVDDQSNS ≤ 1.4 V, IVTTREF = 0 A –40 40 VVDDQSNS = 1.8 V, VVTT = VVTTSNS = 0.7 V, IVTTOCLSRC Source current limit 2 3 IVTTREF = 0 A A IVTTOCLSNK Sink current limit VVDDQSNS = 1.8V, VVTT = VVTTSNS = 1.1 V, IVTTREF = 0 A 2 3 IVTTLK Leakage current TA = 25°C , VS3 = 0 V, VS5 = 5 V, VVTT = VVTTREF 5 IVTTSNSBIAS VTTSNS input bias current VS3 = 5 V, VS5 = 5 V, VVTTSNS = VVTTREF –0.5 0.0 0.5 μA IVTTSNSLK VTTSNS leakage current VS3 = 0 V, VS5 = 5 V, VVTTSNS = VVTTREF –1 0 1 TA = 25°C, VS3 = VS5 = 0 V, VVDDQSNS = 1.8 V, IVTTDIS VTT Discharge current 7.8 mA VVTT = 0.5 V, IVTTREF = 0 A VDDQ OUTPUT VVDDQSNS VDDQ sense voltage VREFIN VDDQSNS regulation voltage VVDDQSNSTOL TA = 25°C –3 3 mV tolerance to REFIN IVDDQSNS VDDQSNS input current VVDDQSNS = 1.8 V 39 μA IREFIN REFIN input current VREFIN = 1.8 V –0.1 0.0 0.1 μA VS3 = VS5 = 0 V, VVDDQSNS = 0.5 V, MODE pin pulled IVDDQDIS VDDQ discharge current 12 mA down to GND through 47k Ω (Non-tracking) VS3 = VS5 = 0 V, VVDDQSNS = 0.5 V, MODE pin pulled IVLDOINDIS VLDOIN discharge current 1.2 A down to GND through 100k Ω (Non-tracking) SWITCH MODE POWER SUPPLY (SMPS) FREQUENCY VIN = 12 V, VVDDQSNS = 1.8 V, RMODE = 100 kΩ 300 fSW VDDQ switching frequency kHz VIN = 12 V, VVDDQSNS = 1.8 V, RMODE = 200 kΩ 400 tON(min) Minimum on time DRVH rising to falling(1) 60 ns tOFF(min) Minimum off time DRVH falling to rising 200 320 450 (1) Ensured by design. Not production tested. 4 Submit Documentation Feedback Copyright © 2010–2013, Texas Instruments Incorporated Product Folder Links :TPS51216 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |