| Electronic Components Datasheet Search |
|
AS1130 Marking, AS1130-BSST Datasheet(PDF) 22 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1130-BSST Datasheet(HTML) 22 Page - ams-OSRAM AG |
|
22 / 67 page ![]() ams Datasheet Page 21 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Detailed Description Figure 30: Device Address The pin ADDR is scanned after start up (POR) and defines the address for the device. The device reacts to this address until a hardware reset (low on pin RSTN) is performed or the power-on-reset (POR) triggers again. Note(s): The internal address decoder needs 5ms to identify the address and to set up the device for this address. I2C Address Bit Bit Name Default Access Description 3:1 i2c_addr 000 R Defines the I²C address of one device via an external resistor on pin ADDR 000: 1M Ω or floating 001: 470k Ω 010: 220k Ω 011: 100k Ω 100: 47k Ω 101: 22k Ω 110: 10k Ω 111: 4.7k Ω or GND |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |