| Electronic Components Datasheet Search |
|
AS1130 Marking, AS1130-BSST Datasheet(PDF) 50 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1130-BSST Datasheet(HTML) 50 Page - ams-OSRAM AG |
|
50 / 67 page ![]() ams Datasheet Page 49 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Register Description AS1130 Open LED Register (0x20 to 0x37) This is a read only register. From this register the LED’s which failed with an open error can be read out. A ‘1’ indicates LED okay, a ‘0’ stands for LED open. If a LED, which is physically not connected to the device is tested, the Open LED test will return a ‘0’. Figure 53: Open LED Register Format Segment Address Data HEX A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 0 0x20 00100000 LED 07 LED 06 LED 05 LED 04 LED 03 LED 02 LED 01 LED 00 0x21 0010000100000 LED 0A LED 09 LED 08 1 0x22 0 0 1 0 0 0 1 0 LED 17 LED 16 LED 15 LED 14 LED 13 LED 12 LED 11 LED 10 0x23 0 0 1 0 0 0 1 1 0 0 0 0 0 LED 1A LED 19 LED 18 2 0x24 00100100 LED 27 LED 26 LED 25 LED 24 LED 23 LED 22 LED 21 LED 20 0x25 0010010100000 LED 2A LED 29 LED 28 3 0x26 0 0 1 0 0 1 1 0 LED 37 LED 36 LED 35 LED 34 LED 33 LED 32 LED 31 LED 30 0x27 0 0 1 0 0 1 1 1 0 0 0 0 0 LED 3A LED 39 LED 38 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |