Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BSST Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BSST Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS1130-BSST Datasheet HTML 1Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 2Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 3Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 4Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 5Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 6Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 7Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 8Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
Page 4
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Pin Assignment
Figure 4:
Pin Diagram (Top View)
Figure 5:
Pin Description
Pin Number
Pin Name
Description
20-Pin
WL-CSP
28-Pin
SSOP /
TSSOP
A3
1, 7, 14, 22, 28
GND
Ground
C3
13
RSTN
Reset Input. Pull this pin to logic low to reset all
control registers (set to default values). For
normal operation pull this pin to VDD.
D1
17
ADDR
I²C Address. Connect to external resistor for I²C
address selection. Up to 8 devices can be
connected on one bus. See Figure 30
D2
16
SDA
Serial-Data I/O. Open drain digital I/O I²C data
pin.
D3
15
SCL
Serial-Clock Input
Pin Assignment
20-pin WL-CSP
28-pin SSOP/TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67