Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BSST Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BSST Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button AS1130-BSST Datasheet HTML 20Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 21Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 22Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 23Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 24Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 25Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 26Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 27Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
ams Datasheet
Page 23
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Register Description
Register Selection
Within this register the access to one of the RAM sections, the
Dot Correction or to the Control register is selected. After one
section is selected this section is valid as long as an other
section is selected.
Figure 31:
Register Selection Address Map
Register
Section
Address
Data
Description
H
E
X
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
H
E
X
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
NOP
0x
FD
11111101
0x
00
00000000
No operation
On/Off Frame 0
0x
01
00000001
On/Off information
for each frame (up
to 36 frames)
On/Off Frame 1
0x
02
00000010
On/Off Frame 2
0x
03
00000011
....
.....
On/Off Frame
34
0x
23
00100011
On/Off Frame
35
0x
24
00100100
Blink & PWM
Set 0
0x
40
01000000
Blink & PWM
Information Sets
(up to 6 sets)
Blink & PWM
Set 1
0x
41
01000001
Blink & PWM
Set 2
0x
42
01000010
Blink & PWM
Set 3
0x
43
01000011
Blink & PWM
Set 4
0x
44
01000100
Blink & PWM
Set 5
0x
45
01000101
Dot Correction
0x
80
10000000
Selection of Dot
Correction Register
Control
Register
0x
C0
11000000
Selection of
Control Register
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67