| Electronic Components Datasheet Search |
|
AS1130 Marking, AS1130-BSST Datasheet(PDF) 47 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1130-BSST Datasheet(HTML) 47 Page - ams-OSRAM AG |
|
47 / 67 page ![]() Page 46 ams Datasheet Document Feedback [v2-01] 2016-Oct-12 AS1130 − Register Description I²C Interface Monitoring Register (0x0A) This register is used to monitor the activity on the I²C bus. If a deadlock situation occurs (e.g. the bus SDA pin is pulled to low and no communication is possible) the chip will reset the I²C interface and the master is able to start the communication again. The time window for the reset of the interface of the AS1130 can be set via 7 bits from 256μs to 33ms. The default setting of this register is 0xFF. Figure 49: I²C Interface Monitoring Register Format CLK Synchronization Register (0x0B) The default setting of this register is 0x00. Figure 50: CLK Synchronization Register Format 0x0A I²C Interface Monitoring Register Bit Bit Name Default Access Bit Description 7- 1 n/a 6:1 Timeout window 11111 R/W Definition of the Timeout window (0 to 127 => 1 to 128 x 256μs) 0000000: 256μs ........ 1111111: 32.7ms 0 i2c_monitor 1 R/W 0: I²C monitoring off 1: I²C monitoring on 0x0B CLK Synchronization Register Bit Bit Name Default Access Bit Description 7:4 - 0000 n/a 3:2 clk_out 00 R/W Adjustable clock out frequency 00: 1MHz 01: 500kHz 10: 125kHz 11: 32kHz 1sync_out 0 R/W The internal oscillator is used as system-clk. The selected clk frequency is available on pin D4 for synchronization. (Output)(1) 0: Disabled 1: Enabled |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |