Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BSST Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BSST Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button AS1130-BSST Datasheet HTML 17Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 18Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 19Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 20Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 21Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 22Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 23Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 24Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
Page 20
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Detailed Description
Figure 28:
Reading N Bytes from AS1130
I²C Device Address Byte
The address byte (see Figure 29) is the first byte received
following the START condition from the master device.
Figure 29:
I²C Device Address Byte
The bit 1, 2 and 3 of the address byte are defined through the
resistor @ the device select pin ADDR (see Figure 30). A
maximum of 8 devices with the same pre-set code can be
connected on the same bus at one time.
• The last bit of the address byte (R/W) define the operation
to be performed. When set to a 1 a read operation is
selected; when set to a 0 a write operation is selected.
• I²C Common address. All devices are responding on the
address “0111111” if the function is enabled in the register
AS1130 Config Register (0x06).
Following the START condition, the AS1130 monitors the I²C
bus, checking the device type identifier being transmitted.
Upon receiving the address code, and the R/W bit, the slave
device outputs an acknowledge signal on the SDA line.
From Master to Slave
From Slave to Master
A/A
P
A
S
First Data Byte
Second Data Byte
Slave Address
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
Not Acknowledge
from Master
0
1
0
Acknowledge
from Master
Acknowledge
from AS1130
R/W
1
AS1130 Registers
Autoincrement
Memory Word
Address
n Bytes
Autoincrement
to next address
Stop reading
0
1
1
0*
AD2
AD1
AD0
R/W
MSB
6
54
32
1
LSB
address:
*) can be factory set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67