| Electronic Components Datasheet Search |
|
AS1130 Marking, AS1130-BSST Datasheet(PDF) 8 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1130-BSST Datasheet(HTML) 8 Page - ams-OSRAM AG |
|
8 / 67 page ![]() ams Datasheet Page 7 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Electrical Characteristics VDD = 2.7V to 5.5V, typ. values are at TAMB = 25ºC (unless otherwise specified). All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods. Figure 7: Electrical Characteristics Symbol Parameter Conditions Min Typ Max Unit TAMB Operating Temperature Range -40 85 °C TJ Operating Junction Temperature Range -40 125 °C VDD Operating Supply Voltage 2.7 5.5 V IDD Operating Supply Current All current sources turned ON, @ VDD = 5.5V 340 mA All current sources turned OFF, @ VDD = 5.5V 0.5 IDDSSD Software Shutdown Supply Current All digital inputs at VDD or GND @ VDD = 5.5V 715 μA IDDFSD Full Shutdown Supply Current Pin RSTN = 0V, TAMB = 25ºC 0.1 1 μA IDIGIT Digit Drive Sink Current (drive capability of all sources of one digit(1)) 360 mA ISEG Segment Drive Source Current LED(2) VOUT = 1.8V to VDD-400mV 28 30 32 mA ΔISEG Segment Drive Current Matching LED 1% Device to Device Current Matching LED VOUT = 1.8V, VDD = 3.3V 1% ILEAK Leakage Output Current All current sources OFF, VOUT = 0V, VDD = 5.5V, TAMB = 25ºC 0.005 0.5 μA ΔILNR Line Regulation VOUT = 1.8V 0.25 %/V ΔILDR Load Regulation VOUT = 1.8V to VDD-400mV 0.25 %/V VDSSAT Saturation Voltage Current = 30mA, VDD = 3.3V 200 mV RDSON(N) Resistance for NMOS 0.3 1 W Electrical Characteristics |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |