| Electronic Components Datasheet Search |
|
AS1130 Marking, AS1130-BSST Datasheet(PDF) 58 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1130-BSST Datasheet(HTML) 58 Page - ams-OSRAM AG |
|
58 / 67 page ![]() ams Datasheet Page 57 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Package Drawings & Markings Figure 59: 28-Pin TSSOP Package Note(s): 1. Dimensioning and tolerancing conform to ASME Y14.5M-1994. 2. All dimensions are in millimeters, angles in degrees. 3. N is the total number of terminals. REF MIN NOM MAX A- - 1.20 A1 0.05 - 0.15 A2 0.80 1.00 1.05 b 0.19 - 0.30 c 0.09 - 0.20 D 9.60 9.70 9.80 E6.40 BSC E1 4.30 4.40 4.50 e0.65 BSC L 0.45 0.60 0.75 L1 1.00 REF REF MIN NOM MAX R0.09 - - R1 0.09 - - S0.20 - - Θ1 0° - 8° Θ2 12 REF Θ3 12 REF aaa - 0.10 - bbb - 0.10 - ccc - 0.05 - ddd - 0.20 - N28 Green RoHS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |