| Electronic Components Datasheet Search |
|
AS1130 Marking, AS1130-BSST Datasheet(PDF) 45 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1130-BSST Datasheet(HTML) 45 Page - ams-OSRAM AG |
|
45 / 67 page ![]() Page 44 ams Datasheet Document Feedback [v2-01] 2016-Oct-12 AS1130 − Register Description Interrupt Frame Definition Register (0x08) Per default this register is set to 0x3F. Figure 47: Interrupt Frame Definition Register Format 2open_err 0 R/W IRQ pin triggers if an error on the open test occurs 0: Disabled 1: Enabled 1short_err 0 R/W IRQ pin triggers if an error on the short test occurs 0: Disabled 1: Enabled 0 movie_fin 0 R/W IRQ pin triggers if a movie is finished 0: Disabled 1: Enabled 0x08 Interrupt Frame Definition Register Bit Bit Name Default Access Bit Description 7:6 - 00 n/a 5:0 last_frame 111111 R/W After this frame is displayed the last time (depending on the number of loops played in a movie) an interrupt will be triggered. 000000: Frame 0 000001: Frame 1 000010: Frame 2 000011: Frame 3 000100: Frame 4 000101: Frame 5 .................. 100000: Frame 32 100001: Frame 33 100010: Frame 34 100011: Frame 35 0x07 Interrupt Mask Register Bit Bit Name Default Access Bit Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |