Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BTST Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # AS1130-BTST
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BTST Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button AS1130-BTST Datasheet HTML 25Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 26Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 27Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 28Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 29Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 30Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 31Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 32Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
Page 28
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1 130 − Register Description
The Blink & PWM sets contain blink on/off and the digital PWM information for each LED in the matrix. The number
of PWM datasets is flexible according to the defined RAM configuration (see Figure 32).
In the blink register (see Figure 35) every single LED can be set to blink. The blink period is set in the display option
register (see Display Option Register Format).
Figure 35:
LEDs Blink Frame Register Format
B
0x16
0
0
0
1
0
1
1
0
LED
B7
LED
B6
LED
B5
LED
B4
LED
B3
LED
B2
LED
B1
LED
B0
0x17
0
0
0
1
0
1
1
1
X
X
X
X
X
LED
BA
LED
B9
LED
B8
Segment
Address
Data
HEX
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0x00
00
000
000
LED
07
LED
06
LED
05
LED
04
LED
03
LED
02
LED
01
LED
00
0x01
00
000
001
X
X
X
X
X
LED
0A
LED
09
LED
08
1
0x02
0
0
0
0
0
0
1
0
LED
17
LED
16
LED
15
LED
14
LED
13
LED
12
LED
11
LED
10
0x03
0
0
0
0
0
0
1
1
X
X
X
X
X
LED
1A
LED
19
LED
18
Segment
Address
Data
HEX
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67