| Electronic Components Datasheet Search |
|
AS1130 Marking, AS1130-BTST Datasheet(PDF) 42 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1130-BTST Datasheet(HTML) 42 Page - ams-OSRAM AG |
|
42 / 67 page ![]() ams Datasheet Page 41 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Register Description Display Option Register (0x04) In this register the number of loops in a movie are defined. With the scan-limit it can be controlled how many digits are displayed in each matrix. When all 12 digits in the matrix are displayed, the display scan rate is 430Hz (typ.). If the number of digits to display is reduced, the update frequency is increased. Per default this register is set to 0x20. Figure 43: Display Option Register Format Note(s): 1. To stop a movie in play endless mode, bits D7:D5 have to be set to a value between 000 to 110. 0x04 Display Option Register Bit Bit Name Default Access Bit Description 7:5 loops 001 R/W Number of loops played in one movie 000: Not valid 001: 1 loop 010: 2 loops 011: 3 loops 100: 4 loops 101: 5 loops 110: 6 loops 111: play movie endless (needs to be reset to 0-6 to stop movie); for scroll endless set bit end_last = ‘0’ 4 blink_freq 0 R/W Blink period 0: 1.5s 1: 3s 3:0 scan_limit 0000 R/W Number of displayed segments in one frame (scan-limit) 0000: CS0 0001: CS0 to CS1 0010: CS0 to CS2 0011: CS0 to CS3 0100: CS0 to CS4 0101: CS0 to CS5 0110: CS0 to CS6 0111: CS0 to CS7 1000: CS0 to CS8 1001: CS0 to CS9 1010: CS0 to CS10 1011: CS0 to CS11 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |