| Electronic Components Datasheet Search |
|
AS1130 Marking, AS1130-BTST Datasheet(PDF) 38 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1130-BTST Datasheet(HTML) 38 Page - ams-OSRAM AG |
|
38 / 67 page ![]() ams Datasheet Page 37 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Register Description Picture Register (0x00) In this register it must be set if a picture is to display on the LED matrix or not. Also the address of the picture which should be displayed must be set within this register. The default setting of this register is 0x00. Figure 39: Picture Register Format Note(s): 1. The display_pic bit (bit 6 in Picture Register) has lower priority than the display_movie bit (bit 6 in Movie Register). 0x00 Picture Register Bit Bit Name Default Access Bit Description 7blink_pic 0 R/W All LEDs in blink mode during display picture 0: No blink 1: All LEDs blink 6 display_pic 0 R/W Display picture 0: No picture 1: Display picture 5:0 pic_addr 000000 R/W Address of picture 000000: Frame 0 000001: Frame 1 000010: Frame 2 000011: Frame 3 000100: Frame 4 000101: Frame 5 ............... 100000: Frame 32 100001: Frame 33 100010: Frame 34 100011: Frame 35 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |