Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BTST Datasheet(PDF) 47 Page - ams-OSRAM AG

Part # AS1130-BTST
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BTST Datasheet(HTML) 47 Page - ams-OSRAM AG

Back Button AS1130-BTST Datasheet HTML 43Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 44Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 45Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 46Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 47Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 48Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 49Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 50Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 51Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
Page 46
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Register Description
I²C Interface Monitoring Register (0x0A)
This register is used to monitor the activity on the I²C bus. If a
deadlock situation occurs (e.g. the bus SDA pin is pulled to low
and no communication is possible) the chip will reset the I²C
interface and the master is able to start the communication
again.
The time window for the reset of the interface of the AS1130
can be set via 7 bits from 256μs to 33ms. The default setting of
this register is 0xFF.
Figure 49:
I²C Interface Monitoring Register Format
CLK Synchronization Register (0x0B)
The default setting of this register is 0x00.
Figure 50:
CLK Synchronization Register Format
0x0A I²C Interface Monitoring Register
Bit
Bit Name
Default
Access
Bit Description
7-
1
n/a
6:1
Timeout window
11111
R/W
Definition of the Timeout window (0 to 127 => 1 to
128 x 256μs)
0000000: 256μs
........
1111111: 32.7ms
0
i2c_monitor
1
R/W
0: I²C monitoring off
1: I²C monitoring on
0x0B CLK Synchronization Register
Bit
Bit Name
Default
Access
Bit Description
7:4
-
0000
n/a
3:2
clk_out
00
R/W
Adjustable clock out frequency
00: 1MHz
01: 500kHz
10: 125kHz
11: 32kHz
1sync_out
0
R/W
The internal oscillator is used as system-clk. The
selected clk frequency is available on pin D4 for
synchronization. (Output)(1)
0: Disabled
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67