| Electronic Components Datasheet Search |
|
AS1130 Marking, AS1130-BTST Datasheet(PDF) 46 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1130-BTST Datasheet(HTML) 46 Page - ams-OSRAM AG |
|
46 / 67 page ![]() ams Datasheet Page 45 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Register Description Shutdown & Open/Short Register (0x09) Per default this register is set to 0x02. Figure 48: Shutdown & Open/Short Register Format The scan limit (0x04) defines also the number of segments for the open/short detection. 0x09 Shutdown & Open/Short Register Bit Bit Name Default Access Bit Description 7:5 - 000 n/a 4test_all 0 R/W The LED open/short test is performed on all LED locations 0: Disabled (unassembled or disabled LEDs will be detected as open) 1: Enabled (unassembled LEDs will be detected as open) 3auto_test 0 R/W The automatic LED open/short test is started when bit display_pic (0x00) or bit display_movie (0x01) is set to “1” 0: Disabled 1: Enabled 2manual_test 0 R/W The manual LED open/short test is started after the update of Reg0x09 0: Disabled 1: Enabled 1init 1 R/W 0: Initialise control logic (internal state machine is reset again) 1: Normal operation 0shdn 0 R/W 0: Device is in shutdown mode (outputs are turned off, internal state machine stops) 1: Normal operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |