| Electronic Components Datasheet Search |
|
AS1130 Marking, AS1130-BTST Datasheet(PDF) 40 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1130-BTST Datasheet(HTML) 40 Page - ams-OSRAM AG |
|
40 / 67 page ![]() ams Datasheet Page 39 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Register Description Movie Mode Register (0x02) Within this register two movie play options can be set. Per default this register is set to 0x00. • In scroll mode a movie can stop with the last frame of the movie or scroll endless • The number of frames to play in a movie Figure 41: Movie Mode Register Format Note(s): 1. Disable blink option overrides any blink definition in PWM data definition or global blink definition in picture register & movie register bit 7. 0x02 Movie Mode Register Bit Bit Name Default Access Bit Description 7 blink_en 0 R/W LED blink option(1) 0: Enabled 1: Disabled 6 end_last 0 R/W Defines at which frame a movie stops in scroll mode 0: Movie ends with 1st frame 1: Movie ends with last frame 5:0 movie_frames 000000 R/W Number of frames played in a movie, starting at movie_ addr defined in Movie Register 000001: Play 2 Frames 000010: Play 3 Frames 000011: Play 4 Frames 000100: Play 5 Frames 000101: Play 6 Frames ............... 100000: Play 33 Frames 100001: Play 34 Frames 100010: Play 35 Frames 100011: Play 36 Frames |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |