Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BTST Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS1130-BTST
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BTST Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS1130-BTST Datasheet HTML 2Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 3Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 4Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 5Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 6Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 7Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 8Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 9Page - ams-OSRAM AG AS1130-BTST Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
ams Datasheet
Page 5
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Pin Assignment
B3
3, 10, 18, 19, 26
VDD
Positive Supply Voltage. Connect to a +2.7V to
+5.5V supply. Bypass this pin with 10μF
capacitance to GND.
D4
12
SYNC
Synchronization Clock Input or Output. The
SYNC frequency for Input and Output is 1MHz.
For SYNC_OUT the frequency can be reduced to
32kHz.
D5
11
IRQ
Interrupt Request. Programmable Open drain
digital Output. It can be set via an register after
which event (Interface Timeout, POR, CP_
Request, Error Detection, End of Frame or End of
Movie) the pin triggers an Interrupt Request.
A1, A2, A4, A5,
B1, B2, B4, B5,
C1, C2, C4, C5
25, 27, 2, 4,
23, 24, 5, 6,
21, 20, 9, 8
CS0, CS1, CS6, CS7,
CS2, CS3, CS8, CS9,
CS4, CS5, CS10, CS11
Sinks and Sources for 132 LEDs.
Pin Number
Pin Name
Description
20-Pin
WL-CSP
28-Pin
SSOP /
TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67