| Electronic Components Datasheet Search |
|
AS1130 Marking, AS1130-BTST Datasheet(PDF) 7 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1130-BTST Datasheet(HTML) 7 Page - ams-OSRAM AG |
|
7 / 67 page ![]() Page 6 ams Datasheet Document Feedback [v2-01] 2016-Oct-12 AS1130 − Absolute Maximum R atings Stresses beyond those listed in Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in Electrical Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Figure 6: Absolute Maximum Ratings Note(s): 1. The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices”. Parameter Min Max Units Comments Electrical Parameters VDD to GND -0.3 7 V All other pins to GND -0.3 7 or VDD + 0.3 V Sink Current 500 mA Segment Current 100 mA Input Current (latch-up immunity) -100 100 mA JEDEC 78 Electrostatic Discharge Electrostatic Discharge (human body model) ±2 kV MIL 883 E method 3015 Temperature Ranges and Storage Conditions Junction Temperature 150 ºC Storage Temperature Range -55 125 ºC For 20-Pin WL-CSP -55 150 ºC For 28-pin SSOP/TSSOP Package Body Temperature 260 ºC 28-pin SSOP/ TSSOP IPC/JEDEC J-STD-020(1)The lead finish for Pb-free leaded packages is matte tin (100% Sn). 20-Pin WL-CSP IPC/JEDEC J-STD-020(1) Relative Humidity (non-condensing) 585 % Moisture Sensitivity Level 1 20-Pin WL-CSP Represents an unlimited floor life time 3 28-pin SSOP/ TSSOP Represents a max. floor life time of 168h Absolute Maximum Ratings |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |