| Electronic Components Datasheet Search |
|
AS1130 Marking, AS1130-BTST Datasheet(PDF) 57 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1130-BTST Datasheet(HTML) 57 Page - ams-OSRAM AG |
|
57 / 67 page ![]() Page 56 ams Datasheet Document Feedback [v2-01] 2016-Oct-12 AS1130 − Pack age Drawings & Mark ings Figure 58: 28-Pin SSOP Package Note(s): 1. Dimensioning and tolerancing conform to ASME Y14.5M-1994. 2. All dimensions are in millimeters, angles in degrees. 3. N is the total number of terminals. REF MIN NOM MAX A 1.73 1.86 1.99 A1 0.05 0.13 0.21 A2 1.68 1.73 1.78 b 0.22 0.30 0.38 c 0.09 0.17 0.25 D 9.90 10.20 10.50 E 7.40 7.80 8.20 REF MIN NOM MAX E1 5.00 5.30 5.60 e0.65 BSC L 0.55 0.75 0.95 L1 1.25 REF L2 0.25 BSC R0.09 - - Θ 0° 4° 8° N28 Green RoHS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |