Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BWLT Datasheet(PDF) 25 Page - ams-OSRAM AG

Part # AS1130-BWLT
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BWLT Datasheet(HTML) 25 Page - ams-OSRAM AG

Back Button AS1130-BWLT Datasheet HTML 21Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 22Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 23Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 24Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 25Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 26Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 27Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 28Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
Page 24
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Register Description
Data Definition of the Single Frames
One frame consists of 2 datasets, the On/Off dataset and the
Blink & PWM dataset. Where more On/Off frames can be linked
to one PWM set. Depending on the used PWM sets more or less
On/Off frames can be stored inside the AS1130 (see Figure 32).
Each On/Off frame needs to define the used Blink & PWM
dataset.
Figure 32:
RAM Configuration
It is necessary to define the RAM configuration before data can
be written to the frame datasets. The RAM configuration is
defined in the AS1130 config register (see Figure 45) via bit 2:0
and bit 4 for Dot Correction.
Note(s): After a first write of data to the frames, the
configuration is locked in the AS1130 config register and can
be changed only after a reset of the device. A change of the
RAM configuration requires to re-write the frame datasets.
RAM Configuration
Blink & PWM Set
On/Off Frame
On/Off Frame
with Dot Correction
1
0
35..0
34..0
2
1,0
29..0
28..0
3
2,1,0
23..0
22..0
4
3..0
17..0
16..0
5
4..0
11..0
10..0
6
5..0
5..0
4..0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67