Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BWLT Datasheet(PDF) 48 Page - ams-OSRAM AG

Part # AS1130-BWLT
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BWLT Datasheet(HTML) 48 Page - ams-OSRAM AG

Back Button AS1130-BWLT Datasheet HTML 44Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 45Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 46Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 47Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 48Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 49Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 50Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 51Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 52Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
ams Datasheet
Page 47
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Register Description
Note(s):
1. CLK synchronization is done via the SYNC pin. Only one option can be activated (Input or Output).
Interrupt Status Register (0x0E)
This is a read only register. Within this register the cause of an
interrupt can be read out. After power up or a reset the default
setting of this register is 0x20. A read out command will set this
register to default and the IRQ pin will be released again.
Figure 51:
Interrupt Status Register Format
0sync_in
0
R/W
The internal oscillator is disabled. Pin D4 is used as clk
input for system-clk.(1)
0: disabled
1: enabled
0x0E Interrupt Status Register
Bit
Bit Name
Default
Access
Bit Description
7frame_int
0
R
0: No interrupt
1: Defined Frame is displayed (see Interrupt Frame
Definition Register (0x08))
6i2c_int
0
R
0: No interrupt
1: I²C watchdog reports a deadlock on the interface
5
por_int
1
R
0: No interrupt
1: POR was triggered
4overtemp_int
0
R
0: No interrupt
1: Overtemperature limit is reached
3
low_vdd_int
0
R
0: No interrupt
1: VDD is too low to drive requested current through the
LEDs
2open_int
0
R
0: No interrupt
1: Error on open test
1
short_int
0
R
0: No interrupt
1: Error on short test
0
movie_int
0
R
0: No interrupt
1: Play movie is finished
0x0B CLK Synchronization Register
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67