Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BWLT Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # AS1130-BWLT
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BWLT Datasheet(HTML) 2 Page - ams-OSRAM AG

  AS1130-BWLT Datasheet HTML 1Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 2Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 3Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 4Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 5Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 6Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 7Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 8Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
ams Datasheet
Page 1
[v2-01] 2016-Oct-12
Document Feedback
AS1130
132-LED Cross-Plexing Driver with
Scrolling Function
The AS1130 is a compact LED driver for 132 single LEDs. The
devices can be programmed via an I²C compatible interface.
The AS1130 offers a 12x11 LED-matrix with 1/12 cycle rate. The
required lines to drive all 132 LEDs are reduced to 12 by using
the cross-plexing feature optimizing space on the PCB. The
whole LED-matrix driving 132 LEDs can be analog dimmed from
0mA to 30mA in 256 steps (8 bit).
Additionally each of the 132 LEDs can be dimmed individually
with 8-bit allowing 256 steps of linear dimming. To reduce CPU
usage up to 6 frames can be stored with individual time delays
between frames to play small animations automatically.
The AS1130 operates from 2.7V to 5.5V and features a very low
shutdown and operational current.
The device offers a programmable IRQ pin. Via a register it can
be set on what event (CP_Request, Interface Timeout,
Error-detection, POR, End of Frame or End of Movie) the IRQ is
triggered.
Also hardware scroll function is implemented in the AS1130.
The device is available in an ultrasmall 20-Pin WL-CSP and an
easy to solder 28-pin SSOP/TSSOP package.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS1130, 132-LED Cross-Plexing
Driver with Scrolling Function are listed below:
Figure 1:
Added Value of Using AS1130
Benefits
Features
• Worlds lowest PCB real estate vs LED count
• Up to 132 LEDs in a 12x11 matrix
• 16.7M full color matrix with white balance
• 8-bit PWM per LED and current control per line
• Reduces MCU load and increases battery
lifetime
• 36 frames of memory with scrolling option
• Identifies defect LEDs and “removes” them
from the matrix
• Error detection and correction
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67