Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BWLT Datasheet(PDF) 38 Page - ams-OSRAM AG

Part # AS1130-BWLT
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BWLT Datasheet(HTML) 38 Page - ams-OSRAM AG

Back Button AS1130-BWLT Datasheet HTML 34Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 35Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 36Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 37Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 38Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 39Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 40Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 41Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 42Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
ams Datasheet
Page 37
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Register Description
Picture Register (0x00)
In this register it must be set if a picture is to display on the LED
matrix or not. Also the address of the picture which should be
displayed must be set within this register. The default setting
of this register is 0x00.
Figure 39:
Picture Register Format
Note(s):
1. The display_pic bit (bit 6 in Picture Register) has lower priority than the display_movie bit (bit 6 in Movie Register).
0x00 Picture Register
Bit
Bit Name
Default
Access
Bit Description
7blink_pic
0
R/W
All LEDs in blink mode during display picture
0: No blink
1: All LEDs blink
6
display_pic
0
R/W
Display picture
0: No picture
1: Display picture
5:0
pic_addr
000000
R/W
Address of picture
000000: Frame 0
000001: Frame 1
000010: Frame 2
000011: Frame 3
000100: Frame 4
000101: Frame 5
...............
100000: Frame 32
100001: Frame 33
100010: Frame 34
100011: Frame 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67