Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BWLT Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # AS1130-BWLT
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BWLT Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button AS1130-BWLT Datasheet HTML 36Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 37Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 38Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 39Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 40Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 41Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 42Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 43Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
ams Datasheet
Page 39
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Register Description
Movie Mode Register (0x02)
Within this register two movie play options can be set. Per
default this register is set to 0x00.
• In scroll mode a movie can stop with the last frame of the
movie or scroll endless
• The number of frames to play in a movie
Figure 41:
Movie Mode Register Format
Note(s):
1. Disable blink option overrides any blink definition in PWM data definition or global blink definition in picture register & movie
register bit 7.
0x02 Movie Mode Register
Bit
Bit Name
Default
Access
Bit Description
7
blink_en
0
R/W
LED blink option(1)
0: Enabled
1: Disabled
6
end_last
0
R/W
Defines at which frame a movie stops in scroll mode
0: Movie ends with 1st frame
1: Movie ends with last frame
5:0
movie_frames
000000
R/W
Number of frames played in a movie, starting at movie_
addr defined in Movie Register
000001: Play 2 Frames
000010: Play 3 Frames
000011: Play 4 Frames
000100: Play 5 Frames
000101: Play 6 Frames
...............
100000: Play 33 Frames
100001: Play 34 Frames
100010: Play 35 Frames
100011: Play 36 Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67