Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BWLT Datasheet(PDF) 42 Page - ams-OSRAM AG

Part # AS1130-BWLT
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BWLT Datasheet(HTML) 42 Page - ams-OSRAM AG

Back Button AS1130-BWLT Datasheet HTML 38Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 39Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 40Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 41Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 42Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 43Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 44Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 45Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 46Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
ams Datasheet
Page 41
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Register Description
Display Option Register (0x04)
In this register the number of loops in a movie are defined. With
the scan-limit it can be controlled how many digits are
displayed in each matrix. When all 12 digits in the matrix are
displayed, the display scan rate is 430Hz (typ.). If the number of
digits to display is reduced, the update frequency is increased.
Per default this register is set to 0x20.
Figure 43:
Display Option Register Format
Note(s):
1. To stop a movie in play endless mode, bits D7:D5 have to be set to a value between 000 to 110.
0x04 Display Option Register
Bit
Bit Name
Default
Access
Bit Description
7:5
loops
001
R/W
Number of loops played in one movie
000: Not valid
001: 1 loop
010: 2 loops
011: 3 loops
100: 4 loops
101: 5 loops
110: 6 loops
111: play movie endless (needs to be reset to 0-6 to
stop movie); for scroll endless set bit end_last = ‘0’
4
blink_freq
0
R/W
Blink period
0: 1.5s
1: 3s
3:0
scan_limit
0000
R/W
Number of displayed segments in one frame
(scan-limit)
0000: CS0
0001: CS0 to CS1
0010: CS0 to CS2
0011: CS0 to CS3
0100: CS0 to CS4
0101: CS0 to CS5
0110: CS0 to CS6
0111: CS0 to CS7
1000: CS0 to CS8
1001: CS0 to CS9
1010: CS0 to CS10
1011: CS0 to CS11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67