Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BWLT Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # AS1130-BWLT
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BWLT Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button AS1130-BWLT Datasheet HTML 33Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 34Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 35Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 36Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 37Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 38Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 39Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 40Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
Page 36
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Register Description
Control-Registers
The AS1130 device contains 14 control registers which are listed
in Figure 38. All registers are selected using a 8-bit address
word, and communication is done via the serial interface. Select
the Control Register via the Register Selection (see Figure 31).
The Control Register is selected via data 192 on addr 253.
Figure 38:
Control Register Address Map
Register Name
HEX
Register Address
Register Data
A7
A6
A5
A4
A3
A2
A1
A0
D7:D0
Picture
0x00
0
0
0
0
000
0
See Figure 39
Movie
0x01
0
0
0
0
0
0
0
1
See Figure 40
Movie Mode
0x02
0
0
0
0
0
0
1
0
See Figure 41
Frame Time / Scroll
0x03
0
0
0
0
0
0
1
1
See Figure 42
Display Option
0x04
0
0
0
0
0
1
0
0
See Figure 43
Current Source
0x05
0
0
0
0
0
1
0
1
See Figure 44
AS1130 Config
0x06
0
0
0
0
0
1
1
0
See Figure 45
Interrupt Mask
0x07
0
0
0
0
011
1
See Figure 46
Interrupt Frame
Definition
0x08
0
0
0
0
100
0
See Figure 47
Shutdown &
Open/Short
0x09
0
0
0
0
100
1
See Figure 48
I²C Interface
Monitoring
0x0A
0
0
0
0
1
0
1
0
See Figure 49
CLK Synchronization
0x0B
0
0
0
0
1
0
1
1
See Figure 50
Interrupt Status
0x0E
0
0
0
0
1
1
0
0
See Figure 51
AS1130 Status
0x0F
0
0
0
0
1
1
0
1
See Figure 52
Open LED
0x20
0
0
1
0
000
0
See Figure 53
........................
0x37
0
0
1
1
011
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67