Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BWLT Datasheet(PDF) 45 Page - ams-OSRAM AG

Part # AS1130-BWLT
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BWLT Datasheet(HTML) 45 Page - ams-OSRAM AG

Back Button AS1130-BWLT Datasheet HTML 41Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 42Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 43Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 44Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 45Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 46Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 47Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 48Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 49Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
Page 44
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Register Description
Interrupt Frame Definition Register (0x08)
Per default this register is set to 0x3F.
Figure 47:
Interrupt Frame Definition Register Format
2open_err
0
R/W
IRQ pin triggers if an error on the open test occurs
0: Disabled
1: Enabled
1short_err
0
R/W
IRQ pin triggers if an error on the short test occurs
0: Disabled
1: Enabled
0
movie_fin
0
R/W
IRQ pin triggers if a movie is finished
0: Disabled
1: Enabled
0x08 Interrupt Frame Definition Register
Bit
Bit Name
Default
Access
Bit Description
7:6
-
00
n/a
5:0
last_frame
111111
R/W
After this frame is displayed the last time
(depending on the number of loops played in a
movie) an interrupt will be triggered.
000000: Frame 0
000001: Frame 1
000010: Frame 2
000011: Frame 3
000100: Frame 4
000101: Frame 5
..................
100000: Frame 32
100001: Frame 33
100010: Frame 34
100011: Frame 35
0x07 Interrupt Mask Register
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67