Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1130 Marking, AS1130-BWLT Datasheet(PDF) 39 Page - ams-OSRAM AG

Part # AS1130-BWLT
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BWLT Datasheet(HTML) 39 Page - ams-OSRAM AG

Back Button AS1130-BWLT Datasheet HTML 35Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 36Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 37Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 38Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 39Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 40Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 41Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 42Page - ams-OSRAM AG AS1130-BWLT Datasheet HTML 43Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
Page 38
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Register Description
Movie Register (0x01)
In this register it must be set if a movie is to display on the LED
matrix or not. Also the address of the first frame in the movie
needs be set within this register. The default setting of this
register is 0x00.
Figure 40:
Movie Register Format
Note(s):
1. The display_movie bit (bit 6 in Movie Register) has higher priority than the display_pic bit (bit 6 in Picture Register).
0x01 Movie Register
Bit
Bit Name
Default
Access
Bit Description
7
blink_movie
0
R/W
All LEDs in blink mode during play movie
0: No blink
1: All LEDs blink
6
display_movie
0
R/W
0: No movie
1: Start movie
5:0
movie_addr
000000
R/W
Address of first frame in movie
000000: Frame 0
000001: Frame 1
000010: Frame 2
000011: Frame 3
000100: Frame 4
000101: Frame 5
...............
100000: Frame 32
100001: Frame 33
100010: Frame 34
100011: Frame 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67