Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV3550 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 60Page - STMicroelectronics STV3550 Datasheet HTML 61Page - STMicroelectronics STV3550 Datasheet HTML 62Page - STMicroelectronics STV3550 Datasheet HTML 63Page - STMicroelectronics STV3550 Datasheet HTML 64Page - STMicroelectronics STV3550 Datasheet HTML 65Page - STMicroelectronics STV3550 Datasheet HTML 66Page - STMicroelectronics STV3550 Datasheet HTML 67Page - STMicroelectronics STV3550 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 144 page
background image
64/144
STV3550
5.4.6
Data Enable Output
This signal is fully generated according to the control register value. The user must assume the
video window is correct according to the display data (video + OSD + background).
The Data Enable signal is in the clk_dac domain. This signal generates a jitter free signal only if the
Hsync and Vsync signal are output in the same clock domain (‘clk_dac’). The reference signals to
generate this signal are hs_pix, vs_rst_100_pix and lineupcnt_pix.
We could select the DE polarity with a dedicated register.
22
P24
000
0
26
P25
000
0
27
P26
000
0
28
P27
000
0
29
P28
000
0
30
P29
000
0
Table 18: Multiplex Output
STV3550
Pin Number
STV3550
Pad
Multiplex
Output 3x10bits
Phase 0
Multiplex
Output 3x10 bits
Phase 1
Multiplex
Output 3x8 bits
Phase 0
Multiplex
Output 3x8 bits
Phase 1
line 0
start line
display line
10 bits
10 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com