Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV3550 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 91Page - STMicroelectronics STV3550 Datasheet HTML 92Page - STMicroelectronics STV3550 Datasheet HTML 93Page - STMicroelectronics STV3550 Datasheet HTML 94Page - STMicroelectronics STV3550 Datasheet HTML 95Page - STMicroelectronics STV3550 Datasheet HTML 96Page - STMicroelectronics STV3550 Datasheet HTML 97Page - STMicroelectronics STV3550 Datasheet HTML 98Page - STMicroelectronics STV3550 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 144 page
background image
STV3550
95/144
Conversions can be started by software or by a falling edge on the external trigger pin.
End of Conversion Interrupt
An interrupt can be generated at the end of each conversion.
Analog Watchdog Interrupt
Moreover, another interrupt can be generated based on the upper or lower threshold limits of the
watchdog. See Section 7.6.4.
7.6.3.1 1-Channel mode
Only the selected analog input is converted. At the end of this conversion, the overflow status and
result are stored in the control registers of the selected channel.
7.6.3.2 Scan Mode
Up to 6 channels can be sequentially converted starting with Channel 0 and ending with Channel 7.
At the end of the conversion of each channel, the overflow status and result are stored in the control
register of the corresponding channel.
7.6.3.3 Single / Continuous Mode
Each main mode can run in either Single or Continuous mode.
In Single mode, the conversion sequence for the analog channel input is performed one single time.
In Continuous mode, the conversion sequence is performed continuously until reset by software.
7.6.4
Analog Watchdog
The Analog Watchdog is used to generate an interrupt based on two programmable threshold
levels.
For each channel, when the level of the analog input exceeds upper and lower threshold values, an
interrupt is generated.
Figure 60: A/D Converter Trigger Source
Int. Trigger Enable
On-chip Event
Start Group of Conversions
Continuous or Single Mode
Software Trigger
Ext. Trigger Enable
ADC Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com