Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV3550 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 33Page - STMicroelectronics STV3550 Datasheet HTML 34Page - STMicroelectronics STV3550 Datasheet HTML 35Page - STMicroelectronics STV3550 Datasheet HTML 36Page - STMicroelectronics STV3550 Datasheet HTML 37Page - STMicroelectronics STV3550 Datasheet HTML 38Page - STMicroelectronics STV3550 Datasheet HTML 39Page - STMicroelectronics STV3550 Datasheet HTML 40Page - STMicroelectronics STV3550 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 144 page
background image
Graphics Functional Description
STV3550
37/144
4
Graphics Functional Description
Note:
Some descriptions in this section are not applicable for LCD applications.
4.1
On-Screen Display Generator (OSD)
4.1.1
General Information
The On-Screen Display (OSD) unit is used to overlay the video image with graphics or Teletext
information generated by software. The OSD pipeline uses color look-up tables (CLUTs) also called
palettes, with an 8-bit input. The CLUTs can then generate 256 predefined colors that are stored in
the external SDRAM. The CLUT also includes 8 bits for Transparency Mode control. The output
from the CLUT is in ARGB 32-bit/pixel format (8-A, 8-R, 8-G, 8-B). The OSD plane can consist of
several display regions. For each region, a different CLUT can be defined.
Before being mixed with the video signal, the OSD output can be filtered by Anti-Flicker and Anti-
Flutter filters. These filters are used to build an OSD plane in Progressive mode and store it in a
field-based format so that it may be displayed in Interlaced mode. Other display modes can be used
for a full-page graphic plane: Progressive mode or Non-Interlaced mode.
4.1.2
Main Features
●
8 bit per pixel Bitmap OSD with 10-bit RGB output resolution through a 32-bit CLUT
●
Up to 1920 pixels per line and 1024 lines per field
●
Capable of displaying Teletext 1.5 to 2.5, Teleweb and EPG applications
●
4 display planes (Video, Background, Graphics and Cursor) with mixing capabilities:
➢ Global, pixel-based and proportional mixing
➢ Programmable 8-bit color-based mixing factor for anti-aliasing effect on character edges
➢ Programmable 8-bit region-based mixing factor for transparency effect
●
Interlaced or Progressive Display Mode
●
Anti-Flicker and Anti-Flutter filters
●
2-D Graphics Accelerator
●
Programmable RGB gain and offset
●
Field- or frame-based storage
●
Embedded display special effects controlled by software
➢ Flash, Underline, Italics, Fringe, Rounding and Shadow
➢ Vertical Scrolling
➢ Horizontal Scrolling
➢ Rolling Scrolling
➢ Opening Window
4.1.3
Functional Description
The OSD function displays a user-defined bitmap over any part of the displayable (i.e. non-blanked)
screen, independent of the size and location of the active video area. This bitmap can be defined
independently for each field. The OSD is enabled by setting the OSDON bit in the OSD_CONFIG
register. The OSD bitmap is defined in relation to the display region and is independent of the
decoded picture size and any pan/scan offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com