Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV3550 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 31Page - STMicroelectronics STV3550 Datasheet HTML 32Page - STMicroelectronics STV3550 Datasheet HTML 33Page - STMicroelectronics STV3550 Datasheet HTML 34Page - STMicroelectronics STV3550 Datasheet HTML 35Page - STMicroelectronics STV3550 Datasheet HTML 36Page - STMicroelectronics STV3550 Datasheet HTML 37Page - STMicroelectronics STV3550 Datasheet HTML 38Page - STMicroelectronics STV3550 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 144 page
background image
STV3550
35/144
This function is used to reduce the global contrast on an over-contrasted sequence or to reveal
details in the dark and bright areas. The Black and White Shrink function acts in the opposite
manner of the Grey Stretch function.
3.3.7
Spectral Processing
3.3.7.1 Adaptive Peaking
The luminance bandwidth must be improved when processing decoded composite signals and
especially when a notch filter from the external digital video decoder is used. Luminance is
improved in the STV3550 by adaptive peaking which increases the signal amplitude of a high-
frequency spectrum.
This improves the outline of objects in a picture and increases the sharpness of the image.
Peaking effect is auto-adaptive and depends on image brightness.
In addition to the typical horizontal peaking, a vertical peaking mode can be selected in which
vertical luminance components are used in the peaking algorithm. In this mode, vertical edges are
also amplified. In this case, the vertical sharpness is much more sensitive to input noise and should
be disabled.
3.3.7.2 Coring
If certain noisy sources are input (RF broadcast or VCR, for example), noise may be present in the
signal. To prevent peaking due to noise amplification, certain coring thresholds must be used to
suppress any increase of small-amplitude high-frequency signals (noise). The coring effect is
programmable from 0 to 16 LSB.
Figure 24: Black and White Shrink Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com