Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV3550 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 29Page - STMicroelectronics STV3550 Datasheet HTML 30Page - STMicroelectronics STV3550 Datasheet HTML 31Page - STMicroelectronics STV3550 Datasheet HTML 32Page - STMicroelectronics STV3550 Datasheet HTML 33Page - STMicroelectronics STV3550 Datasheet HTML 34Page - STMicroelectronics STV3550 Datasheet HTML 35Page - STMicroelectronics STV3550 Datasheet HTML 36Page - STMicroelectronics STV3550 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 144 page
background image
STV3550
33/144
3.3.6.3 Grey Stretch
In Grey Stretch mode, the Black and White Stretch values are combined to increase the contrast in
both the black and white parts of the image. This function decreases the black level in the dark part
of the image and increases the white level in the bright part. It can be used to increase the global
contrast on low-contrast sequences that are centered on the average brightness. By default, the
inflection point is based on the value of the average brightness, but another value can be set by the
user. In this case, the range parameter is used to modify the slope of the central segment.
The gain parameter magnifies the correction factor and modifies the global curves in relation to the
standard linear curve.
Figure 22 shows the grey stretch algorithm with various range values.
Table 10: Range and Slope Values
Range
Slope
00.25
10.50
20.75
31.00
Figure 22: Grey Stretch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com