Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV3550 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 6Page - STMicroelectronics STV3550 Datasheet HTML 7Page - STMicroelectronics STV3550 Datasheet HTML 8Page - STMicroelectronics STV3550 Datasheet HTML 9Page - STMicroelectronics STV3550 Datasheet HTML 10Page - STMicroelectronics STV3550 Datasheet HTML 11Page - STMicroelectronics STV3550 Datasheet HTML 12Page - STMicroelectronics STV3550 Datasheet HTML 13Page - STMicroelectronics STV3550 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 144 page
background image
10/144
STV3550
General Information
●
Application Layer which contains the software that defines the “Look & Feel” of the TV set. This
layer, for instance, contains the components that are responsible for the following features:
interpretation of user inputs, display and navigation functions and Teletext applications.
1.3
Related Documentation
There are several documents available that explain the various software capabilities. There are
three different types of documents:
1. General Introduction Manual
2. User Guides
3. Reference Guide
1.3.1
General Introduction Manual
This document describes the general architecture of the features listed in Section 1.2: Software.
It also describes the relationships between the various service, driver, system and application
modules. It lists all the available modules and their version number. A brief description of each
function is also provided.
1.3.2
User Guides
A user guide is provided for each set of selected features. These documents will enable the user to
get started with the relevant features. An example code is also included as well as a troubleshooting
section.
A list (non-exhaustive) of existing user guides is given below.
1. CTV100-LCD: STV3550 User Controls User Guide
➢ The Remote Control Service is responsible for the byte assembly of infrared frames
coming from a Remote Control device. It provides the client with a high-level interface to
manage Remote Control inputs.
➢ The User Interface Service provides the client with a high-level interface to manage both
Remote Control and Keyboard inputs. The client provides its own code, with which it will
be notified.
2. CTV100-LCD: STV3550 Video and Sync User Guide
Figure 4: Software Architecture Example
Hardware Layer
Audio
Video
Switch
Install
Channel
Select
Graphics
Data
Server
User
Input
Chassis
Control
Teletext
Electronic
Program
Guide
TeleWeb
OS
Toolkit
STV API
Drivers
Services
User Interface
Resident
Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com