Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV3550 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 21Page - STMicroelectronics STV3550 Datasheet HTML 22Page - STMicroelectronics STV3550 Datasheet HTML 23Page - STMicroelectronics STV3550 Datasheet HTML 24Page - STMicroelectronics STV3550 Datasheet HTML 25Page - STMicroelectronics STV3550 Datasheet HTML 26Page - STMicroelectronics STV3550 Datasheet HTML 27Page - STMicroelectronics STV3550 Datasheet HTML 28Page - STMicroelectronics STV3550 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 144 page
background image
STV3550
25/144
3.3.1
Main Features
●
Horizontal resizing using a Sample Rate Converter based on an 8-tap, 32-phase polyphase
filter with a programmable factor from 0.25 to 4.
●
Vertical resizing using a Sample Rate Converter based on a 4-tap, 32-phase polyphase filter
with a programmable factor from 0.5 to 4.
●
Non-linear horizontal and vertical format conversion with up to 5 programmable segments.
●
Horizontal video output resolution adjustable between 360 and 1920 active pixels per line by
using a programmable pixel clock frequency.
●
Vertical video output resolution adjustable between 240 and 1080 active lines per field.
●
Field parity interpolation by controlling the phase offset in the vertical polyphase filter.
●
Programmable Pan and Scan video positioning.
●
Color Edge Replacement for Color Transient Improvement (CTI).
●
Horizontal and Vertical Luma Peaking.
●
Contrast Enhancement: Black, Grey, and White Stretch.
●
4:2:2 to 4:4:4 Chroma Up-sampling
●
10-bit RGB output
3.3.2
Horizontal and Vertical Rescaling
The rescaling function is performed by two 32-phase polyphase filters (Horizontal and Vertical), of
which all coefficients are stored in a programmable table. In this case, if needed, the transfer
function of the filter can be optimized by referring to a specific up-conversion process. This scaling
Figure 9: Zoom Rescaling Diagram
16:9 TV Screen
H
V
VZoom Factor
Linear Zone
Constant
Zone 1
Zone 2
Zone 3
Zone 4
Zone 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com