Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV3550 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 7Page - STMicroelectronics STV3550 Datasheet HTML 8Page - STMicroelectronics STV3550 Datasheet HTML 9Page - STMicroelectronics STV3550 Datasheet HTML 10Page - STMicroelectronics STV3550 Datasheet HTML 11Page - STMicroelectronics STV3550 Datasheet HTML 12Page - STMicroelectronics STV3550 Datasheet HTML 13Page - STMicroelectronics STV3550 Datasheet HTML 14Page - STMicroelectronics STV3550 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 144 page
background image
General Information
STV3550
11/144
➢ The Video Service provides the client with a high-level interface for managing the Video.
This service is responsible for the complete management of the video buffers and the
video display, according to client configuration, in terms of the video mode (Up-conversion,
Proscan...).
It also offers video-related features, such as zoom or freeze frame, among others.
➢ The Synchronization Service is responsible for programming the field polarity. It provides
the client with a high level interface for managing the Field Polarity sequences.
3. CTV100-LCD: STV3550 Source Selection User Guide
➢ The Audio/Video Switch service is responsible for managing the connections between
audio and video inputs and outputs by using drivers that provide audio/video switching
functions.
The Audio/Video Switch component is also responsible for detecting changes in the Slow
Blanking Level (available on SCART connections) by using the ADC driver.
➢ The Front End service is responsible for the tuning and the scanning operations. It
provides the client with a high level interface working in the frequency domain.
4. CTV100-LCD: STV3550 Graphics User Guide
➢ It provides the necessary software for creating cursors and graphic planes using
respectively the Cursor Driver (DV_GAM) and the On-Screen Display Driver (STOSD).
➢ It also includes the Two Dimensional Block Move Driver (DV_BME) in order to improve
graphical applications which often require moving blocks of data.
This document will describe the CTV100-LCD Basic Graphics Stack and also provide a
guide for the implementation and configuration of a graphical user interface (GUI) stack
based on the OSD.
1.3.3
Reference Guide
There is one reference guide for each component (service, driver, etc.). This document includes the
API as well as an Example of Use. This document specifically targets design engineers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com