Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV3550 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 79Page - STMicroelectronics STV3550 Datasheet HTML 80Page - STMicroelectronics STV3550 Datasheet HTML 81Page - STMicroelectronics STV3550 Datasheet HTML 82Page - STMicroelectronics STV3550 Datasheet HTML 83Page - STMicroelectronics STV3550 Datasheet HTML 84Page - STMicroelectronics STV3550 Datasheet HTML 85Page - STMicroelectronics STV3550 Datasheet HTML 86Page - STMicroelectronics STV3550 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 144 page
background image
CPU and System Management Functional Description
STV3550
83/144
Depending on application requirements, tasks such as increasing the operating frequency may be
delayed. Other high priority tasks such as TV chassis control can also be included in the boot
sequence.
6.5.2
Starting The Main Application Program
Once hardware resources are properly configured, the main application program can be
downloaded from Flash to SDRAM so that it can be executed into SDRAM with the best
performances.
Main application programs include the OS/20 kernel, STV3550 video and peripheral resource
management, etc., and is discussed in Software Application Notes.
6.6
Standby Mode
The chip includes a Standby mode used to put the TV chassis in standby. During this mode, the chip
is supplied normally but only the sections used to restart the chip are clocked. The other clocks are
switched off. The clocks used in Standby mode are generated from the 27-MHz crystal oscillator
and divided by the Clock Generator block.
After a wake-up request from the IR receiver or from another interrupt source, the STV3550 restarts
the CPU clock. Then, depending on software controls, the CPU continues the task where it has
stopped and decodes the interrupt source.
Wake-up Interrupt sources can be:
●
a command from the AD input level change
●
a command from the IR detector
●
a command from the Real Time Clock (RTC)
●
4 external interrupts
In Standby mode, only the following blocks are clocked:
●
Infrared Preprocessor
●
Real Time Clock (RTC)
●
Analog-to-Digital Converter (ADC)
In addition to Standby mode, the STV3550 includes various “Low Power” modes.
These modes are performed by reducing the clock frequency for each block, or by switching off the
blocks that are not in use (see Power Off bit or RST_soft reset bit for each block).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com