Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9213 Datasheet(PDF) 43 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 43 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 39Page - Dialog Semiconductor DA9213 Datasheet HTML 40Page - Dialog Semiconductor DA9213 Datasheet HTML 41Page - Dialog Semiconductor DA9213 Datasheet HTML 42Page - Dialog Semiconductor DA9213 Datasheet HTML 43Page - Dialog Semiconductor DA9213 Datasheet HTML 44Page - Dialog Semiconductor DA9213 Datasheet HTML 45Page - Dialog Semiconductor DA9213 Datasheet HTML 46Page - Dialog Semiconductor DA9213 Datasheet HTML 47Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
43 of 62
© 2017 Dialog Semiconductor
Register
Bit
Type
Label
Description
0
R
PWRGOOD_A
Asserted as long as the Buck A output voltage is in
range
The EVENT registers hold information about events that have occurred in DA9213, DA9214, and
DA9215. Events are triggered by a change in the status register which contains the status of
monitored signals. When an EVENT bit is set in the event register, the IRQ signal is asserted unless
the event is masked by a bit in the mask register. The IRQ triggering event register will be cleared
from the host by writing back its read value. New events occurring during clearing will be delayed
before they are passed to the event register, ensuring that the host controller does not miss them.
Register
Bit
Type
Label
Description
0x52
EVENT_A
7
R
(reserved)
6
R
E_UVLO_IO
UVLO_IO caused the event
5
R
(reserved)
4
R
E_GPI4
GPI4 event according to active state setting
3
R
E_GPI3
GPI3 event according to active state setting
2
R
E_GPI2
GPI2 event according to active state setting
1
R
E_GPI1
GPI1 event according to active state setting
0
R
E_GPI0
GPI0 event according to active state setting
Register
Bit
Type
Label
Description
0x53
EVENT_B
7:6
R
(reserved)
5
R
E_OV_CURR_B
OV_CURR Buck B caused event
4
R
E_OV_CURR_A
OV_CURR Buck A caused event
3
R
E_TEMP_CRIT
TEMP_CRIT caused event
2
R
E_TEMP_WARN
TEMP_WARN caused event
1
R
E_PWRGOOD_B
PWRGOOD loss at Buck B caused event
0
R
E_PWRGOOD_A
PWRGOOD loss at Buck A caused event
Register
Bit
Type
Label
Description
0x54
MASK_A
7
R/W
(reserved)
6
R/W
M_UVLO_IO
Mask UVLO_IO caused nIRQ
5
R/W
(reserved)
4
R/W
M_GPI4
Masks nIRQ interrupt at GPI4
3
R/W
M_GPI3
Masks nIRQ interrupt at GPI3
2
R/W
M_GPI2
Masks nIRQ interrupt at GPI2
1
R/W
M_GPI1
Masks nIRQ interrupt at GPI1
0
R/W
M_GPI0
Masks nIRQ interrupt at GPI0
Register
Bit
Type
Label
Description
0x55
7:6
R/W
(reserved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com