Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9213 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 5 Page - Dialog Semiconductor

  DA9213 Datasheet HTML 1Page - Dialog Semiconductor DA9213 Datasheet HTML 2Page - Dialog Semiconductor DA9213 Datasheet HTML 3Page - Dialog Semiconductor DA9213 Datasheet HTML 4Page - Dialog Semiconductor DA9213 Datasheet HTML 5Page - Dialog Semiconductor DA9213 Datasheet HTML 6Page - Dialog Semiconductor DA9213 Datasheet HTML 7Page - Dialog Semiconductor DA9213 Datasheet HTML 8Page - Dialog Semiconductor DA9213 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
5 of 62
© 2017 Dialog Semiconductor
8.1.2.2
GPIO Control ................................................................................... 44
8.1.2.3
Regulators Control........................................................................... 46
8.1.3
Register Page 1 ................................................................................................... 47
8.1.3.1
Regulators Settings ......................................................................... 47
8.1.4
Register Page 2 ................................................................................................... 52
8.1.4.1
Interface and OTP Settings (shared with DA9063) ......................... 52
8.1.4.2
OTP Fusing Registers ..................................................................... 53
8.1.4.3
Application Configuration Settings................................................... 54
9
Application Information .............................................................................................................. 58
9.1
Capacitor Selection ............................................................................................................. 58
9.2
Inductor Selection ............................................................................................................... 59
10 Package Information ................................................................................................................... 60
10.1 Package Outlines ................................................................................................................ 60
11 Ordering Information .................................................................................................................. 61
Figures
Figure 1: DA9213, DA9214, and DA9215 System Diagram ................................................................. 2
Figure 2: DA9214 System Diagram....................................................................................................... 3
Figure 3: DA9215 System Diagram....................................................................................................... 3
Figure 4: Connection Diagram .............................................................................................................. 8
Figure 5: 2-WIRE Bus Timing.............................................................................................................. 17
Figure 6: 4-WIRE Bus Timing.............................................................................................................. 18
Figure 7: 2 Phase Auto-Mode, 0 to 10 A ............................................................................................. 19
Figure 8: 2 Phase Auto-Mode, 0 to 10 A ............................................................................................. 19
Figure 9: 4 Phase Auto-Mode, 0 to 20 A (Linear) ............................................................................... 19
Figure 10: 4 Phase Auto-Mode, 0 to 20 A (Logarithmic)..................................................................... 19
Figure 11: 4 Phase Auto-Mode, 0 to 20 A ........................................................................................... 19
Figure 12: 1, 2, 3, and 4 Phase Modes ............................................................................................... 19
Figure 13: Interface of DA9213/14/15 with DA9063 and the Host Processor ..................................... 20
Figure 14: Typical Application of DA9213 ........................................................................................... 21
Figure 15: Typical Application of DA9214 ........................................................................................... 22
Figure 16: Concept of Control of the Buck’s Output Voltage .............................................................. 25
Figure 17: Resistive Divider from VOUT to FBAN .............................................................................. 26
Figure 18: GPIO Principle of Operation (example paths).................................................................... 29
Figure 19: Schematic of 4-WIRE and 2-WIRE Power Manager Bus .................................................. 31
Figure 20: 4-
WIRE Host Write and Read Timing (nCS_POL = ‘0’, CPOL = ‘0’, CPHA = ‘0’) ............. 32
Figure 21: 4-
WIRE Host Write and Read Timing (nCS_POL= ‘0’, CPOL = ‘0’, CPHA = ‘1’) .............. 33
Figure 22: 4-WIRE Host Write and Read Timing (nCS_POL =
‘0’, CPOL = ‘1’, CPHA = ‘0’) ............. 33
Figure 23: 4-
WIRE Host Write and Read Timing (nCS_POL = ‘0’, CPOL = ‘1’, CPHA = ‘1’) ............. 34
Figure 24: Timing of 2-WIRE START and STOP Condition ................................................................ 36
Figure 25: 2-WIRE Byte Write (SDA Line) .......................................................................................... 37
Figure 26: Examples of 2-WIRE Byte Read (SDA Line) ..................................................................... 37
Figure 27: Examples of 2-WIRE Page Read (SDA Line) .................................................................... 37
Figure 28: 2-WIRE Page Write (SDA Line) ......................................................................................... 38
Figure 29: 2-WIRE Repeated Write (SDA Line) .................................................................................. 38
Figure 30: DA9213/14/15 WL-CSP Package Outline Drawing ........................................................... 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com