Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9213 Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 23Page - Dialog Semiconductor DA9213 Datasheet HTML 24Page - Dialog Semiconductor DA9213 Datasheet HTML 25Page - Dialog Semiconductor DA9213 Datasheet HTML 26Page - Dialog Semiconductor DA9213 Datasheet HTML 27Page - Dialog Semiconductor DA9213 Datasheet HTML 28Page - Dialog Semiconductor DA9213 Datasheet HTML 29Page - Dialog Semiconductor DA9213 Datasheet HTML 30Page - Dialog Semiconductor DA9213 Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
27 of 62
© 2017 Dialog Semiconductor
7.2
Ports Description
This section describes the functionality of each input / output port.
7.2.1
VDDIO
VDDIO is an independent IO supply rail input to DA9213, DA9214, and DA9215 that can be assigned
to the power manager interface and to the GPIOs (see control PM_IF_V and GPI_V). The rail
assignment determines the IO voltage levels and logical thresholds (see also the Digital I/O
Characteristics in Table 7).
An integrated under voltage lockout circuit for the VDDIO prevents internal errors by disabling the I
2C
communication when the voltage drops below VULO_IO. In that case the buck converters are also
disabled and cannot be re-enabled (even via input port) until the VDDIO under voltage condition has
been resolved. At the exit of the VDDIO under voltage condition an event E_UVLO_IO is generated
and the nIRQ line is driven active if the event is not masked.
The VDDIO under voltage circuit monitors voltages relative to a nominal voltage of 1.8V. If a different
rail voltage is being used, the under-voltage circuit can be disabled via UVLO_IO_DIS.
Note that the maximum speed at 4-WIRE interface is only available if the selected supply rail is
greater than 1.6 V.
7.2.2
IC_EN
IC_EN is a general enable signal for DA9213, DA9214, and DA9215, turning on and off the internal
circuitry (for example, the reference, the digital core, etc.). Correct control of this port has a direct
impact on the quiescent current of the whole application. A low level of IC_EN allows the device to
reach the minimum quiescent current. The voltage at this pin is continuously sensed by a dedicated
analogue circuit.
The host processor will be allowed to start the communication with DA9213, DA9214, and DA9215
through the Control Interface and, for example to turn on the buck converters, a delay time of tEN after
assertion of the IC_EN pin. If the bucks are enabled via OTP (see BUCKA_EN and BUCKB_EN
controls), they will start up automatically after assertion of IC_EN.
The IC_EN activation threshold is defined with a built in hysteresis to avoid glitching transitions that
take place with unstable rising or falling edges.
7.2.3
nIRQ
The nIRQ port indicates that an interrupt causing event has occurred and that the event/status
information is available in the related registers. The nIRQ is an output signal that can either be push
pull or open drain (selected via IRQ_TYPE). If an active high IRQ signal is required, it can be
achieved by asserting control IRQ_LEVEL (recommended for push-pull mode).
Examples of this type of information can be critical temperature and voltage, fault conditions, status
changes at GPI ports, and so forth. The event registers hold information about the events that have
occurred. Events are triggered by a status change at the monitored signals. When an event bit is set,
the nIRQ signal is asserted unless this interrupt is masked by a bit in the IRQ mask register. The
nIRQ will not be released until all event registers with asserted bits have been read and cleared. New
events that occur during reading an event register are held until the event register has been cleared,
ensuring that the host processor does not miss them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com