Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9213 Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 15Page - Dialog Semiconductor DA9213 Datasheet HTML 16Page - Dialog Semiconductor DA9213 Datasheet HTML 17Page - Dialog Semiconductor DA9213 Datasheet HTML 18Page - Dialog Semiconductor DA9213 Datasheet HTML 19Page - Dialog Semiconductor DA9213 Datasheet HTML 20Page - Dialog Semiconductor DA9213 Datasheet HTML 21Page - Dialog Semiconductor DA9213 Datasheet HTML 22Page - Dialog Semiconductor DA9213 Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
19 of 62
© 2017 Dialog Semiconductor
6
Efficiency Measurements
Note: Phase shedding is enabled in each plot.
Figure 7: 2 Phase Auto-Mode, 0 to 10 A
Figure 8: 2 Phase Auto-Mode, 0 to 10 A
Figure 9: 4 Phase Auto-Mode, 0 to 20 A
(Linear)
Figure 10: 4 Phase Auto-Mode, 0 to 20 A
(Logarithmic)
Figure 11: 4 Phase Auto-Mode, 0 to 20 A
Figure 12: 1, 2, 3, and 4 Phase Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com