Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9213 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 10Page - Dialog Semiconductor DA9213 Datasheet HTML 11Page - Dialog Semiconductor DA9213 Datasheet HTML 12Page - Dialog Semiconductor DA9213 Datasheet HTML 13Page - Dialog Semiconductor DA9213 Datasheet HTML 14Page - Dialog Semiconductor DA9213 Datasheet HTML 15Page - Dialog Semiconductor DA9213 Datasheet HTML 16Page - Dialog Semiconductor DA9213 Datasheet HTML 17Page - Dialog Semiconductor DA9213 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
14 of 62
© 2017 Dialog Semiconductor
Parameter
Description
Conditions
Min
Typ
Max
Unit
IQ_PFM_A4
DA9213 quiescent current
Buck enabled
No switching
VDD = 3.7 V
Note 5
72
µA
IQ_PFM_A2B2
DA9214 quiescent current
Buck A enabled
Buck B enabled
No switching
VDD = 3.7 V
Note 5
106
µA
IQ_PFM_A3B1
DA9215 quiescent current
Buck A enabled
Buck B enabled
No switching
VDD = 3.7 V
Note 5
130
µA
Note 1
Programmable in 10 mV increments.
Note 2
Additional to the dc accuracy. The value is intended to be measured directly at COUT(EXT). In case of
remote sensing, parasitics of PCB and external components may affect this value.
Note 3
On-time > 50 ns.
Note 4
Time from beginning to end of the voltage ramp. Additional 10 µs typical delay, plus internal sync to
the enable port.
Note 5
For the total quiescent current of the IC, the IDD_ON should be added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com