Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9213 Datasheet(PDF) 53 Page - Dialog Semiconductor

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9213 Datasheet(HTML) 53 Page - Dialog Semiconductor

Back Button DA9213 Datasheet HTML 49Page - Dialog Semiconductor DA9213 Datasheet HTML 50Page - Dialog Semiconductor DA9213 Datasheet HTML 51Page - Dialog Semiconductor DA9213 Datasheet HTML 52Page - Dialog Semiconductor DA9213 Datasheet HTML 53Page - Dialog Semiconductor DA9213 Datasheet HTML 54Page - Dialog Semiconductor DA9213 Datasheet HTML 55Page - Dialog Semiconductor DA9213 Datasheet HTML 56Page - Dialog Semiconductor DA9213 Datasheet HTML 57Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Datasheet
Revision 2.2
23-Oct-2017
CFR0011-120-00
53 of 62
© 2017 Dialog Semiconductor
Register
Bit
Type
Label
Description
2
R/W
CPHA
4-WIRE interface clock phase (see Table 10)
1
R/W
CPOL
4-WIRE interface clock polarity
0: SK is low during idle
1: SK is high during idle
0
R/W
nCS_POL
4-WIRE chip select polarity
0: nCS is low active
1: nCS is high active
Register
Bit
Type
Label
Description
0x106
INTERFACE2
7
R/W
IF_TYPE
0: Power manager interface is 4-WIRE. Automatically
configures GPIO3 and GPI4 as interface signals. The
GPIO configuration is overruled.
1: Power manager interface is 2-WIRE
6
R/W
PM_IF_HSM
Enables continuous high speed mode on 2-WIRE
interface if asserted (no master code required)
5
R/W
PM_IF_FMP
Enables 2-WIRE interface operating with fast mode+
timings if asserted
4
R/W
PM_IF_V
0: Power manager interface in 2-WIRE mode is
supplied from VDDCORE (4-WIRE always from
VDDIO)
1: Power manager interface in 2-WIRE mode is
supplied from VDDIO (4-WIRE always from VDDIO)
0:3
R/W
(reserved)
8.1.4.2
OTP Fusing Registers
Register
Bit
Type
Label
Description
0x140
OTP_CONT2
7
R/W
OTP_CONF_LO
CK
0: Registers 0x54 to 0x5E and 0xD0 to 0xDA are not
locked for OTP programming (should be selected
for unmarked evaluation samples)
1: Registers 0x54 to 0x5E and 0xD0 to 0xDA are locked
in OTP (no further fusing possible)
6
R/W
OTP_APPS_LO
CK
0: Registers 0x105, 0x106, 0x143 to 0x149 are not
locked for OTP programming (should be selected
for unmarked evaluation samples)
1: Registers 0x105, 0x106, 0x143 to 0x149 are locked
in OTP (no further fusing possible)
5:0
R/W
(reserved)
Register
Bit
Type
Label
Description
0x141
OTP_ADDR
7:0
R/W
OTP_ADDR
OTP Array address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com