Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F2562 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT69F2562
Description  Ultra-Low Power Flash MCU with LCD & EEPROM
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F2562 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT69F2562 Datasheet HTML 62Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 63Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 64Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 65Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 66Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 67Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 68Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 69Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 194 page
background image
Rev. 1.00
��
�an�a�� ��� �01�
Rev. 1.00
�7
�an�a�� ��� �01�
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
capacitorconnectedbetweebVSSandtheRESpinwillprovideasuitableexternalresetcircuit.Any
wiringconnectedtotheRESpinshouldbekeptasshortaspossibletominimiseanystraynoise
interference.Forapplicationsthatoperatewithinanenvironmentwheremorenoiseispresentthe
EnhancedResetCircuitshownisrecommended.
VDD
VDD
RES
10kΩ~
100kΩ
0.01µF**
1N4148*
VSS
0.1µF~1µF
300Ω*
Note:“*”ItisrecommendedthatthiscomponentisaddedforaddedESDprotection.
“**”Itisrecommendedthatthiscomponentisaddedinenvironmentswherepowerlinenoise
issignificant.
External RES Circuit
PullingtheRESpinlowusingexternalhardwarewillalsoexecuteadevicereset.Inthiscase,asin
thecaseofotherresets,theProgranCounterwillresettozeroandprogramexecutioninitiatedfrom
thispoint.
Inte�nal Reset
tRSTD+tSST
RES
0.9VDD
0.4VDD
RES Reset Timing Chart
Thereisaninternalresetcontrolregister,RSTC,whichisusedtoselecttheexternalRESpin
functionandprovidearesetwhenthedeviceoperatesabnormallyduetotheenvironmentalnoise
interference.IfthecontentoftheRSTCregisterissettoanyvalueotherthan01010101Bor
10101010B,itwillresetthedeviceafteradelaytime,tSRESET.Afterpowerontheregisterwillhavea
valueof01010101B.
RSTC7 ~ RSTC0 Bits
Reset Function
01010101B
PB0
10101010B
RES
An� othe� val�e
Reset MCU
Internal Reset Function Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com