Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F2562 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT69F2562
Description  Ultra-Low Power Flash MCU with LCD & EEPROM
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F2562 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT69F2562 Datasheet HTML 8Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 9Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 10Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 11Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 12Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 13Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 14Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 15Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 194 page
background image
Rev. 1.00
1�
�an�a�� ��� �01�
Rev. 1.00
13
�an�a�� ��� �01�
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
Standby Current Characteristics
Ta=�5°C
Symbol
Standby Mode
Test Conditions
Min. Typ.
Max.
Max.
Unit
VDD
Conditions
70°C
ISTB
SLEEP Mode
1.�V
WDT off� Time Base off� LCD off
(LXT on)
—
0.10
0.15
0.70
μA
3V
—
0.1�
0.15
1.00
5V
—
0.�0
0.50
1.�0
1.�V
WDT off� Time Base on� LCD off
(LXT on)
—
0.1�
0.��
0.70
3V
—
0.15
0.��
1.00
5V
—
0.�3
0.�0
1.�0
1.�V
WDT on� Time Base on� LCD off
(LXT on)
—
0.15
0.��
1.00
3V
—
0.1�
0.��
1.50
5V
—
0.30
0.75
1.�0
IDLE0 Mode – LXT
1.�V
fSUB on
—
�.4
4.0
4.�
μA
3V
—
3.0
5.0
�.0
5V
—
5.0
10
1�
IDLE1 Mode – HIRC
1.�V
fSUB on� fSYS=4MHz
—
0.144 0.�00 0.�40
mA
3V
—
0.1�0 0.�50 0.300
5V
—
0.400 0.�00 0.7�0
�.�V
fSUB on� fSYS=�MHz
—
0.3
0.�
0.�
3V
—
0.5
1.0
1.�
5V
—
1.0
�.0
�.�
�.7V
fSUB on� fSYS=1�MHz
—
0.4
0.�
1.0
3V
—
0.�
1.�
1.4
5V
—
1.�
�.4
�.�
Note:Whenusingthecharacteristictabledata,thefollowingnotesshouldbetakenintoconsideration:
1.Anydigitalinputsaresetupinanon-floatingcondition.
2.Allmeasurementsaretakenunderconditionsofnoloadandwithallperipheralsinanoffstate.
3.TherearenoDCcurrentpaths.
4.AllStandbyCurrentvaluesaretakenafteraHALTinstructionexecutionthusstoppingallinstruction
execution.
Operating Current Characteristics
Ta=�5°C
Symbol
Operating Mode
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD
SLOW Mode – LXT
1.�V
fSYS=3�7��Hz
—
�
1�
μA
3V
—
10
�0
5V
—
30
50
FAST Mode – HIRC
1.�V
fSYS=4MHz
—
0.3
0.5
mA
3V
—
0.4
0.�
5V
—
0.�
1.�
�.�V
fSYS=�MHz
—
0.�
1.�
3V
—
1.0
1.5
5V
—
�.0
3.0
�.7V
fSYS=1�MHz
—
1.�
�.�
3V
—
1.5
�.7
5V
—
3.0
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com