Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F2562 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT69F2562
Description  Ultra-Low Power Flash MCU with LCD & EEPROM
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F2562 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT69F2562 Datasheet HTML 13Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 14Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 15Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 16Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 17Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 18Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 19Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 20Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 194 page
background image
Rev. 1.00
1�
�an�a�� ��� �01�
Rev. 1.00
17
�an�a�� ��� �01�
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
LVD/LVR Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VLVR
Low Voltage Reset Voltage
—
LVR enable� voltage select 1.70V
-5%
1.70
+5%
V
LVR enable� voltage select 1.90V
1.90
LVR enable� voltage select �.55V
-3%
�.55
+3%
LVR enable� voltage select 3.15V
3.15
LVR enable� voltage select 3.�0V
3.�0
VLVD
Low Voltage Detection Voltage
—
LVD enable� voltage select 1.�0V
-5%
1.�0
+5%
V
LVD enable� voltage select 1.90V
1.90
LVD enable� voltage select �.00V
�.00
LVD enable� voltage select �.10V
�.10
LVD enable� voltage select �.�0V
�.�0
LVD enable� voltage select �.30V
�.30
LVD enable� voltage select �.40V
�.40
LVD enable� voltage select �.50V
�.50
LVD enable� voltage select �.�0V
�.�0
LVD enable� voltage select �.70V
�.70
LVD enable� voltage select �.�0V
�.�0
LVD enable� voltage select �.90V
�.90
LVD enable� voltage select 3.00V
3.00
LVD enable� voltage select 3.30V
3.30
LVD enable� voltage select 3.�0V
3.�0
LVD enable� voltage select 4.00V
4.00
ILVRLVD
Ope�ating C���ent
3V LVD enable� LVR enable�
VLVR=1.9V� VLVD=�V
—
—
10
μA
5V
—
�
15
tLVDS
LVDO Stable Time
— For LVR enable, LVD off → on
—
—
15
μs
— For LVR disable, LVD off → on
—
—
150
tLVR
Minim�m Low Voltage Width to
Reset
—
—
1�0
�40
4�0
μs
tLVD
Minim�m Low Voltage Width to
Inte���pt
—
—
�0
1�0
�40
μs
ILVR
Additional C���ent fo� LVR Enable — LVD disable
—
—
11
μA
ILVD
Additional C���ent fo� LVD Enable — LVR disable
—
—
11
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com