Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F2562 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT69F2562
Description  Ultra-Low Power Flash MCU with LCD & EEPROM
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F2562 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT69F2562 Datasheet HTML 3Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 4Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 5Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 6Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 7Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 8Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 9Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 10Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 194 page
background image
Rev. 1.00
�
�an�a�� ��� �01�
Rev. 1.00
7
�an�a�� ��� �01�
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
General Description
ThedeviceisaFlashMemoryLCD8-bithighperformanceRISCarchitecturemicrocontrollers,
designedforapplicationsthatLCDdisplayproducts.OfferinguserstheconvenienceofFlash
Memorymulti-programmingfeatures,thedevicealsoincludesawiderangeoffunctionsand
features.OthermemoryincludesanareaofRAMDataMemoryaswellasanareaoftrueEEPROM
memoryforstorageofnon-volatiledatasuchasserialnumbers,calibrationdataetc.
MultipleandextremelyflexibleTimerModulesprovidetiming,pulsegenerationandPWM
generationfunctions.Communicationwiththeoutsideworldiscateredforbyincludingfully
integratedSPI,I2CandUARTinterfacefunctions,thesepopularinterfaceswhichprovidedesigners
withameansofeasycommunicationwithexternalperipheralhardware.Protectivefeaturessuchas
aninternalWatchdogTimer,LowVoltageResetandLowVoltageDetectorcoupledwithexcellent
noiseimmunityandESDprotectionensurethatreliableoperationismaintainedinhostileelectrical
environments.
Afullchoiceofexternallowandinternalhighoscillatorfunctionsareprovidedincludingfully
integratedsystemoscillatorswhichrequirenoexternalcomponentsfortheirimplementation.The
abilitytooperateandswitchdynamicallybetweenarangeofoperatingmodesusingdifferent
clocksourcesgivesuserstheabilitytooptimisemicrocontrolleroperationandminimisepower
consumption.
TheinclusionofflexibleI/Oprogrammingfeatures,Time-Basefunctionsalongwithmanyother
featuresensurethatthedevicewillfindexcellentuseinapplicationssuchasVisibleRewriteCards
andElectronicTagsinadditiontomanyothers.
Block Diagram
Interrupt
Controller
SYSCLK
Reset
Circuit
LVD/LVR
Stack
16-Level
RAM
2304x8
ROM
16Kx16
EEPROM
128 x 8
Watchdog
Timer
Port A
Driver
HIRC
4/8/12MHz
LXT
Pin-Shared
Function
INT0~
INT3
Pin-Shared
With Port B
Time Bases
LIRC
32kHz
XT1
XT2
PA0~PA7
PB0~PB7
PC0~PC3
Port B
Driver
Port C
Driver
HT8 MCU Core
Clock System
Timers
Digital Peripherals
I/O
: Pin-Shared Node
SEG0~SEG29
COM0~COM3
LCD
Driver
RES
IAP
USIM
: USIM including SPI, I2C & UART
/8
VDD
VSS
VDD
VSS
VDDIO
VDDIO
Pin-Shared
With Port A
SPIA
SEG30~SEG31
* : The SEG30~SEG31 pins can be used for OCDS EV chip and special package only.
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com